PART |
Description |
Maker |
2SK3325 |
Low gate charge: QG = 22 nC TYP. (VDD = 400 V, VGS = 10 V, ID = 10 A)
|
TY Semiconductor Co., Ltd
|
2SK3305 |
Low gate charge QG = 13 nC TYP. (VDD = 400V, VGS = 10 V, ID = 5.0A)
|
TY Semiconductor Co., L...
|
STU3N45K3 |
N-channel 450 V - 3.3 Ω typ., 1.8 A Zener-protected SuperMESH3 Power MOSFET in a IPAK package Gate charge minimized
|
STATEK CORPORATION STMicroelectronics
|
AP2622GY-HF-14 |
Low Gate Charge Low Gate Charge, Small Package Outline, Surface Mount Package
|
Advanced Power Electron...
|
STL30NF3LL |
N-CHANNEL 30V 0.006 OHM 30A POWERFLAT LOW GATE CHARGE STRIPFET II MOSFET N-CHANNEL 30V - 0.008ohm - 30A PowerFLAT⑩ LOW GATE CHARGE STripFET⑩ MOSFET N-CHANNEL 30V 0.0055 OHM 28A POWERFLAT LOW GATE CHARGE STRIPFET II MOSFET N-CHANNEL 30V - 0.008ohm - 30A PowerFLAT LOW GATE CHARGE STripFET MOSFET
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
STS5N150 9639 |
N-CHANNEL 150V - 0.045 OHM - 5A SO-8 LOW GATE CHARGE STripFET?/a> POWER MOSFET N-CHANNEL 150V - 0.045 OHM - 5A SO-8 LOW GATE CHARGE STripFET?/a> POWER MOSFET N-CHANNEL 150V - 0.045 OHM - 5A SO-8 LOW GATE CHARGE STripFET⑩ POWER MOSFET N-CHANNEL 150V - 0.045 OHM - 5A SO-8 LOW GATE CHARGE STripFETPOWER MOSFET N-CHANNEL POWER MOSFET From old datasheet system
|
STMicroelectronics 意法半导 ST Microelectronics
|
STB70NF03L-1 STP70NF03L |
BOX MOUNTING RECEPTACLE N沟道30V 0.008ohm - 70A条TO-220/I2PAK低栅极电荷STripFET⑩功率MOSFET Niobium Oxide Capacitor; Capacitor Type:Low ESR; Voltage Rating:4VDC; Capacitor Dielectric Material:Niobium Oxide; Capacitance:220uF; Capacitance N-CHANNEL MOSFET N-CHANNEL 30V - 0.008ohm - 70A TO-220/I2PAK LOW GATE CHARGE STripFET POWER MOSFET N-CHANNEL 30V - 0.008ohm - 70A TO-220/I2PAK LOW GATE CHARGE STripFET⑩ POWER MOSFET N-CHANNEL 30V - 0.008 OHM -70A TO-220/I2PAK LOW GATE CHARGE STRIPFET POWER MOSFET
|
STMicroelectronics N.V. 意法半导 ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
STD16NF25 STP16NF25 STF16NF25 |
N-channel 250V - 0.195ヘ - 13A - DPAK/TO-220/TO-220FP Low gate charge STripFET⑩ II Power MOSFET N-channel 250V - 0.195Ω - 13A - DPAK/TO-220/TO-220FP Low gate charge STripFET II Power MOSFET N-channel 250V - 0.195Ω - 13A - DPAK/TO-220/TO-220FP Low gate charge STripFET?/a> II Power MOSFET N-channel 250V - 0.195楼? - 13A - DPAK/TO-220/TO-220FP Low gate charge STripFET垄芒 II Power MOSFET
|
http:// STMicroelectronics
|
STB40NF1007 STB40NF10T4 STB40NF10 |
N-channel 100V - 0.025Ω - 50A - D2PAK Low gate charge STripFET II Power MOSFET N-channel 100V - 0.025ヘ - 50A - D2PAK Low gate charge STripFET⑩ II Power MOSFET
|
STMicroelectronics
|
STL6NM60N |
N-channel 600 V - 0.85 Ω - 5.75 A - PowerFLAT (5x5) ultra low gate charge MDmesh II Power MOSFET N-channel 600 V - 0.85 ヘ - 5.75 A - PowerFLAT⑩ (5x5) ultra low gate charge MDmesh⑩ II Power MOSFET
|
STMicroelectronics
|
STS9NF3LL 8315 |
N-CHANNEL 30V - 0.016 ohm - 9A SO-8 LOW GATE CHARGE STripFET⑩ II POWER MOSFET From old datasheet system N-CHANNEL 30V - 0.016 OHM - 9A SO-8 LOW GATE CHARGE STRIPFET II POWER MOSFET
|
STMICROELECTRONICS[STMicroelectronics]
|
STP30NM30N |
N-channel 300V - 0.078Ω - 30A - TO-220 Ultra low gate charge MDmesh II Power MOSFET N-channel 300V - 0.078ヘ - 30A - TO-220 Ultra low gate charge MDmesh⑩ II Power MOSFET
|
STMicroelectronics
|